Part Number Hot Search : 
AMS3107 52301 AR409PC 54190 XC4013D 11001 ASG100 LCX08
Product Description
Full Text Search
 

To Download MM1431AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Precision Adjustable Shunt Regulator MM1431 AT/AN
Precision Adjustable Shunt Regulator
Monolithic IC MM1431 AT/AN
Outline
The MM1431AT/AN is 3-termial adjustable shunt regulator, which provides a highly accurate 0.8% bandgap reference voltage. The output voltage can be adjusted to any value between reference voltage VREF and 35 volts with two external resistors. Moreover, there are a lot of ranges of the application as a zener diode besides the replacement is possible because it has steep turn-on characteristics.
Features
1. Reference voltage tolerance 2. Output voltage can be adjusted 3. Low Dynamic Output Impedance VREF=2.495V0.8% VREFVo35V ZKA <0.2 typ.
Package
TO-92 SOT-25
Pin Assignment
1 1 2 3 1 2 3 Reference Anode Cathode 1 2 3 5 4 2 3 4 5 SOT-25 (TOP VIEW) note:The second terminal is SUB, so connect the terminal to GND.
NC SUB Cathode Reference Anode
TO-92
MITSUMI
Precision Adjustable Shunt Regulator MM1431 AT/AN
Equivalent Circuit Diagram
Absolute Maximum Ratings (Ambient Temperature, Ta=25C)
Item Operating Temperature Storage Temperature Cathode to Anode voltage Cathode current Reference input current Allowable loss Symbol TOPR TSTG VKA IK IREF Pd Ratings -30~+85 -40~+125 35 -100~100 -0.05~10 500 (TO-92) 150 (SOT-25) Unit C C V mA mA mW
Recommended Operating Conditions
Cathode to Anode voltage Cathode current
(Ambient Temperature, Ta=25C) VREF~35 0.6~50 V mA
VKA IK
MITSUMI
Precision Adjustable Shunt Regulator MM1431 AT/AN
Electrical Characteristics
Item Reference voltage Reference voltage deviation over temperature range Lord regulation Reference input current Reference input current deviation over temperature range Minimum Cathode Current Off-state Cathode Current Dynamic Impedance
(Ambient Temperature, Ta=25C) Measurement conditions VKA=VREF, IK=10mA VKA=VREF, IK=10mA Ta=-30~+85C VKA=VREF~10V IK=10mA VKA=10V~35V IK=10mA IK=10mA R1=10K, R2= IK=10mA R1=10K, R2= Ta=-30~+85C VKA=VREF VKA=35V, VREF=0V VKA=VREF, f < 1kHz IK=1~50mA = Min. Typ. Max. Unit 2.475 2.495 2.515 10 -1.4 -1 1 0.5 0.3 0.1 0.2 0.6 1.0 0.5 V mV -2.7 mV/V -2 4 mV/V A A mA A
Symbol VREF VREF/ Ta VREF / VKA IREF IREF/ Ta IKmin. IOFF ZKA
Measuring Circuit
(1) VKA=VREF (3) IOFF
> (2) VKA = VREF Vo=VKA=VREF
(4) Open Loop Voltage Gain
MITSUMI
Precision Adjustable Shunt Regulator MM1431 AT/AN
Characteristics
High Voltage Operating Characteristics
150 125 100 75 50 25 0 -25 -50 -75 -100 -2 -1 0 1 2 3
Reference Input Current
Reference Input Current IRef (A)
3 2.5 2 1.5 1 0.5 0 -50
Cathode Current IK (mA)
-25
0
25
50
75
100
Cathode Voltage VKA (V)
Ambient Temperature Ta (C)
Low Current Operating Characteristics
1.2
Reference Voltage
0
Cathode Current IK (mA)
Voltage Changed Portion VRef (mV)
0 1 2 3
1.0 0.8 0.6 0.4 0.2 0
-5 -10 -15 -20 -25 -30 0 5 10 15 20 25 30 35 40
Cathode Voltage VKA (V)
Cathode Voltage VKA (V)
Reference Voltage
2.60 2.58 2.56 2.54 2.52 2.50 2.48 2.46 2.44 2.42 2.40 -50
Off State Leakage
0.30
Reference Voltage VRef (V)
Off-state Cathode Current IOFF (mA)
-25
0.25 0.20 0.15 0.10 0.05 0 -50
0
25
50
75
100
-25
0
25
50
75
100
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
MITSUMI
Precision Adjustable Shunt Regulator MM1431 AT/AN
Dynamic Output Impedance
100
Open loop Voltage Gain VKA=5V
60
10
Open Loop Voltage Gain AV (dB)
1k 10k 100k 1M
Dynamic Impedance (ZKA) ()
40
1
20
0.1
0
0.01 100
-20 1k 10k 100k 1M 10M
Frequency f (Hz)
Frequency f (Hz)
Pulse Response
Input And Output Voltage VIN VOUT (V)
6 Input Voltage 5 4 3 2 1 0 0 1 2 3 4 5 6 Output Voltage
Stability Boundary Conditions
100
Cathode Current IK (mA)
a
a b
b
80 60 40 20 0 00.1
c d c
0.01
0.1
1
10
Time t (S)
Load Capacitance CL (F) a: VKA=VREF b: VKA=5V C: VKA=10V
d: VKA=15V Cathode voltage temperature Ta=25C IKA=10mA CL=: Ceramic capacitor Notes concerning stability operation region The MM1431AT/AN requires external capasitors for regulator stability. These capacitors must be correctly selected for good performance.


▲Up To Search▲   

 
Price & Availability of MM1431AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X